PART |
Description |
Maker |
AR5001 AR5002 AR5000 AR5004 AR5006 |
Rating at 25 Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
|
Gaomi Xinghe Electronics Co., Ltd.
|
ZQB50L ZQB50H ZQB50M |
Rating at 25 Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
|
Gaomi Xinghe Electronics Co., Ltd.
|
ARB25M ARB25H ARB25L |
Rating at 25?Ambient temp. Unless otherwise specified. Single phase, half sine wave, 60HZ,resistive or inductive load.
|
Gaomi Xinghe Electronic...
|
IDT74FCT541 IDT74FCT541A IDT74FCT541AD IDT74FCT541 |
FAST CMOS OCTAL BUFFER/LINE DRIVER FCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, CQCC20 Internal Memory; For Use With:Eurotherm 6000 Series Paperless Recorders; Memory Size, RAM:96MB 快速CMOS八路缓冲线路驱动 FAST CMOS OCTAL BUFFER/LINE DRIVER FCT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDIP20 FAST CMOS OCTAL BUFFER/LINE DRIVER 快速CMOS八路缓冲线路驱动 INDICATORINDICATOR; Accuracy, calibrated:The greater of /-0.25% of reading or /-1c or /-1LSD; Ambient conditions:0-55c; Contact Rating:2A, 240Vac resistive; Depth, external:103mm; Digits, No. of:4; Display:15.9mm high red LED TEMP CONTROLLER, PIDTEMP CONTROLLER, PID; Accuracy, calibrated:The greater of /-0.25% of reading, or /-1c, or /-1LSD; Ambient conditions:0-55c; Contact Rating:2A, 240Vac resistive; Control Modes:PID, or ON/OFF control; Depth, 3.3V CMOS OCTAL BUFFER/LINE DRIVER
|
Integrated Device Technolog... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
54LS76 S7476W S7476F S74LS76W S74LS76F 74LS76 54_7 |
ENCLOSURE, CARDMASTER POLYCARBONATE; Length / Height, external:160mm; Width, external:166mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL 94 5V; IP rating:IP 65; RAL number:7035; Temp, op. DUAL JK FLIP - FLOP 双JK触发次浮点运
|
Signetics ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
A23L8316V-70 A23L8308 A23L8316 A23L83161 A23L83161 |
Power Resistor; Series:MK; Resistance:200kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C CAT5E PATCH CORD 25 FOOT BLACK 256K X 16 / 512K X 8 BIT CMOS MASK ROM 256 × 16 /12k × 8位CMOS掩膜ROM
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
PCBFA80C49P PCBFA80C39 PCBFA80C49WP PCB80C39 PCB80 |
CAPACITOR, CLASS Y2 47NFCAPACITOR, CLASS Y2 47NF; Capacitance:47nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
NXP Semiconductors N.V.
|
BUK7720-55A |
CAPACITOR, 22000UF 25V CAPACITOR, 22000UF 25V; CAPACITANCE:22000UF; VOLTAGE RATING, DC:25V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes N-channel TrenchMOS standard level FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
X2864HJ-70 X2864BPI-18 X2864HJ-90 X2864BGM-12 X286 |
10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, SOT23, IND TEMP, GREEN, 1.8V(SERIAL EE) 32M CONFIG FLASH, 44 PLCC, IND(FPGA) 10 MHZ, 8 LAP, IND TEMP(FPGA) 25NS, 24 SOIC, IND TEMP(EPLD) 10MS, 8 TSSOP, EXT TEMP, 2.7V(SERIAL EE) DIE SALE,1.8V, 11MIL(SERIAL EE) 10MHZ, 8 PDIP, IND TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 10MHZ, 44 TQFP, COM TEMP(FPGA) 128Kx8 EEPROM 20NS,CERDIP,883C; LEV B FULLY COMPLIANT(EPLD) 10MHZ, 20 SOIC, COM TEMP, 5K MOQ(FPGA) 10 MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) x8的EEPROM 30MHZ, 3.3V, 8 LAP, COM TEMP(FPGA) x8的EEPROM 10MHZ, 20 PLCC, IND TEMP(FPGA) x8的EEPROM 30MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) x8的EEPROM
|
ITT, Corp. Pericom Technology (Shanghai) CO., Ltd. Diodes, Inc. Electronic Theatre Controls, Inc.
|
EKL |
Aluminum Electrolytic Capacitors, Radial Style, Polarized AI Electrolytic Capacitor, Extremely Long Lifetime, High Temp Range (125°C), High AC Rating
|
Vishay
|
A23L26161 A23L2616 A23L2616V-70 A23L2616V-100 A23L |
Power Resistor; Series:MK; Resistance:20kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C 4M X 16 / 8M X 8 BIT CMOS MASK ROM 4米16 / 8米8位CMOS掩膜ROM Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle 4米16 / 8米8位CMOS掩膜ROM
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
VND05BSP VND05 VND05BSP13TR -VND05BSP |
CAPACITOR, CLASS Y2 4.7NFCAPACITOR, CLASS Y2 4.7NF; Capacitance:4.7nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. ISO HIGH SIDE SMART POWER SOLID STATE RELAY DOUBLE CHANNEL HIGH SIDE SMART POWER SOLID STATE RELAY
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|